Part Number Hot Search : 
MSM51 T88SC P1593DN FSL9130R AD8352 93LC76 R8C10 0860C
Product Description
Full Text Search
 

To Download EPC3130-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Power Transformer
ELECTRONICS INC.
EPC3130-X
* Used in SMPS Flyback Topology * Designed for use with Power Integration Chip * Reinforced Insulation (Triple Insulated Wire) * UL 94V-0 Recognized Components * UL 1446 Class F Insulation System * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number
Chipset V in V out 1
Voltage (Vdc) V out 2
Primary OCL (H 10%) Sec. 1 1.8 1.9 1.0 2.0 1.0 1.8
Current (Amp.) Sec. 2 1.8 1.9 1.0 0.1 0.8 1.8 Sec. 3 .05 .05 .05 .05 .05 .05 Sec. 4 N N N .025 N N
EPC3130-1 EPC3130-2 EPC3130-3 EPC3130-4 EPC3130-5 EPC3130-6
TOP249Y TOP234Y TOP247Y TOP247Y TOP244Y Viper 100
@ 10 KHz, 0.1 Vrms V out 3 V out 4 19 273 120-375 15 19 N 12 490 15 120-375 12 N 35 342 15 120-375 35 N 12 466 15 120-375 24 24 5 466 15 120-375 24 N 24 256 13 120-395 24 N * Switching Frequency : 132 KHz * Isolation : 4500 Vrms * Dielectric Rating (Vrms)
1 sec. 4500 or 60 sec. 3750 Pri. to all Sec. Wdg's & Core
1 sec. 4500 or 60 sec. 3750 Between Wdg's to Core * Note : "N" equals Not Required/No Connection *
1 sec. 1500 Between Pri. Wdg & Bias
Schematic
12 Sec. 1 1 V in Pri. 3 Sec. 3 5 (Fb/Bias) 6 11 10 Sec. 2 9 8 Sec. 4 7 Shield is optional
Package
1.330 Max. (33.78) 1.320 Typ. (33.55)
12 7
Pin 1 I.D.
PCA EPC3130-X Date Code
.937 Max. (23.80)
1.00 (25.40)
1
Suggested Layout .051 (1.30)
6
.138 (3.50)
.200 (5.08)
.031 Sq. (.800)
1.00 Typ. (25.40)
.200 (5.08)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3130-X Rev. 7 9/27/04 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3130-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X